PART |
Description |
Maker |
AD7417ARUZ |
Temperature Sensor: 4-Channel 10-Bit ADC with on-Chip Temperature to Digital Converter I
|
Analog Devices
|
MPXV5050VC6T1 |
High Temperature Accuracy Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE[Freescale Semiconductor, Inc]
|
W0603HT-01-100R-G W0603HT-01-100R-J W1206HT-01-100 |
High Temperature TaNFilm㈢ Chip Resistors High Temperature TaNFilm垄莽 Chip Resistors High Temperature TaNFilm? Chip Resistors High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.1 W, 1 %, 100 ppm, 100 ohm, SURFACE MOUNT, 0805 High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.0625 W, 5 %, 100 ppm, 100 ohm, SURFACE MOUNT, 0603 High Temperature TaNFilmChip Resistors RESISTOR, METAL FILM, 0.125 W, 2 %, 100 ppm, 100 ohm, SURFACE MOUNT, 1206
|
Welwyn Components Limited TT Electronics / Welwyn Welwyn Components, Ltd. Welwyn Components Limit...
|
AD7817AR-REEL AD7817AR-REEL7 |
Temperature Sensor: 10-Bit ADC Temperature Monitoring Only in an SOIC/µSOIC Package Temperature Sensor (On Chip) 4-Channel 9 µs 10-Bit ADC
|
Analog Devices
|
MPXM2010 MPXM2010D MPXM2010DT1 MPXM2010GS MPXM2010 |
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS From old datasheet system 10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
Motorola, Inc
|
MPXA6115A MPXH6115A |
MPXA6115A High Temperature Accuracy Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Altimeter or Barometer Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
|
Motorola
|
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
FC1206-1001-KB452 FC1206-101-KB452 FC1206-1001-KB5 |
TEMPERATURE SENSITIVE CHIP RESISTORS
|
RCD COMPONENTS INC.
|
DS2435 DS2435S |
Battery Identification Chip with Time/Temperature Histogram
|
DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
MAL214095501E3 MAL214095602E3 MAL214095601E3 MAL21 |
Aluminum Capacitors SMD (Chip), High Temperature
|
Vishay Siliconix
|